Part Number Hot Search : 
CA239F M8544 KTC3631D TDA232 SD4506 LOU3000 LOU3000 LOU3000
Product Description
Full Text Search
 

To Download 233-104-00NF11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 233-104-00 Wall Mount Environmental Bulkhead Feed-Thru
MIL-DTL-38999 Series III Type
Shell Size 09 11 13 15 17 19 21 23 25
Connector Series 233 - D38999 Series III Type Shell Style 00 - Wall Mount
Insert Arrangement Per MIL-DTL-38999 Series III MIL-STD-1560 Alternate Key Position A, B, C, D, E (N = Normal)
233 - 104 - 00 M 11 - 35
Connector Type 104 - Env. Bulkhead Feed-Thru
Connector Material and Finish M - Aluminum / Electroless Nickel NC - Aluminum / Zinc-Cobalt NF - Cad / O.D. Over Electroless Nickel (1000hr Salt Spray) ZN - Aluminum Zinc-Nickel Olive Drab MT - Aluminum / Ni-PTFE 1000 Hour GreyTM AL - Aluminum / Pure Electrodeposited Aluminum
P N - 01
Panel Accomodation 01 - .0625 (Min) .125 (Max) 02 - .0625 (Min) .250 (Max) 03 - .0625 (Min) .500 (Max)
Contact Termination P - Pin on Flange Side S - Socket on Flange Side
1. 53 MAX 1.53 Max
D D Sq. SQ
Flange Side Ref
Style E B STYL B Flange Mount FL ANGE MOUNT
. 62 .62
SQ CCSq.
A THREAD A Thread . 75 REF .75 Ref
.520 Max . 520 MAX. FUL L Mated I NDI CATOR RED BAND Fully Y MATEDIndicator Red Band PL ACES 22Places Panel Accomodation ( THI S SI DE ONL Y)
. 125 MAX PANEL ACCOMMODATI ON
DI A BBDiameter 4 Places 4 PL ACES SEE MI L - C- 38999 FOR Insert Arrangement per I NSERT A RRANGEMENTS MIL-DTL-38999 Series III MIL-STD-1560
APPLICATION NOTES
1. Material/finish: Shell, lock ring, jam nut--Al alloy, see Table II Contacts--Copper alloy/ gold plate Insulators--High grade rigid dielectric/N.A. Seals--Silicone/N.A. For symetrical layouts only. Power to a given contact on one end will result in power to contact directly opposite, regardless of identification letter. Metric Dimensions (mm) are indicated in parentheses Printed in U.S.A. E-Mail: sales@glenair.com
TABLE I: CONNECTOR DIMENSIONS
SHELL SIZE 09 11 13 15 17 19 21 23 25 A THREAD 0.1 P-0.3L-2A .625 .750 .875 1.000 1.188 1.250 1.375 1.500 1.625 B DIA. 0.10 (0.3) .128 (3.3) .128 (3.3) .128 (3.3) .128 (3.3) .128 (3.3) .128 (3.3) .128 (3.3) .156 (4.0) .156 (4.0) C DIM. .719 (18.3) .812 (20.6) .906 (23.0) .969 (24.6) 1.062 (27.0) 1.156 (29.4) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) D DIM. .938 (23.8) 1.031 (26.2) 1.125 (28.6) 1.219 (31.0) 1.312 (33.3) 1.438 (36.5) 1.562 (39.7) 1.688 (42.9) 1.812 (46.0) CAGE CODE 06324 DIA MAX. .859 (21.8) .984 (25.0) 1.156 (29.4) 1.281 (32.5) 1.406 (35.7) 1.516 (38.5) 1.641 (41.7) 1.766 (44.9) 1.891 (48.0) 2.
3.
(c) 2008 Glenair, Inc. www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
E-11
Bulkhead Feed-Thrus
E


▲Up To Search▲   

 
Price & Availability of 233-104-00NF11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X